Part Number Hot Search : 
ACS10 224008 09A00 HEF45 0604KFK 12030 KE200 MR100
Product Description
Full Text Search
 

To Download MC78BC50NTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC78BC00 Series Micropower Voltage Regulator
The MC78BC00 voltage regulators are specifically designed to be used with an external power transistor to deliver high current with high voltage accuracy and low quiescent current. The MC78BC00 series are devices suitable for constructing regulators with ultra-low dropout voltage and output current in the range of several tens of mA to hundreds of mA. These devices have a chip enable function, which minimizes the standby mode current drain. Each of these devices contains a voltage reference unit, an error amplifier, a driver transistor and feedback resistors. These devices are available in the SOT-23, 5 pin surface mount packages. These devices are ideally suited for battery powered equipment, and power sources for hand-held audio instruments, communication equipment and domestic appliances.
Features http://onsemi.com
VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR
MARKING DIAGRAM
5 1
5
* Ultra-Low Supply Current (50 mA) * Standby Mode (0.2 mA) * Ultra-Low Dropout Voltage (0.1 V with External Transistor and * *
IO = 100 mA) Excellent Line Regulation (Typically 0.1%/V) High Accuracy Output Voltage (2.5%)
Output Voltage 3.0 3.1 3.3 4.0 4.3 4.5 5.0 TA = -30 to +80C SOT-23 Operating Temperature Range
SOT-23 N SUFFIX PLASTIC PACKAGE CASE 1212
xx D
1
xx
ORDERING INFORMATION Device MC78BC30NTR MC78BC31NTR MC78BC33NTR MC78BC40NTR MC78BC43NTR MC78BC45NTR MC78BC50NTR Package D
= MC78BC30NTR = K0 = MC78BC31NTR = K1 = MC78BC33NTR = K3 = MC78BC40NTR = L0 = MC78BC43NTR = L3 = MC78BC45NTR = L5 = MC78BC50NTR = M0 = Date Code
PIN CONNECTIONS
Ground Input Output 1 2 3 (Top View) 4 Ext 5 CE
Other voltages from 2.0 to 6.0 V, in 0.1 V increments, are available. Consult factory for information. Ext 4 2 3 Vin VO
Standard Application
Q CC
4 Input Vref 1 CE 5 Gnd Cin 2 MC78BCXX 1 5 CO 3 Output
This device contains 13 active transistors.
Figure 1. Representative Block Diagram
(c) Semiconductor Components Industries, LLC, 2003
1
January, 2003 - Rev. 4
Publication Order Number: MC78BC00/D
MC78BC00 Series
MAXIMUM RATINGS (TC = 25C, unless otherwise noted.)
Rating Input Voltage Power Dissipation and Thermal Characteristics Maximum Power Dissipation Case 1212 (SOT-23) H Suffix Thermal Resistance, Junction-to-Ambient Operating Junction Temperature Operating Ambient Temperature Storage Temperature Range NOTE: ESD data available upon request. Symbol VCC Value 10 Unit Vdc mW PD RqJA TJ TA Tstg 150 333 125 -30 to +80 -40 to +125 C/W C C C
ELECTRICAL CHARACTERISTICS (Vin = VO + 1.0 V, IO = 50 mA, TJ = 25C 9 (Note 1), unless otherwise noted.)
Characteristic Output Voltage MC78BC30NTR MC78BC31NTR MC78BC33NTR MC78BC40NTR MC78BC43NTR MC78BC45NT4 MC78BC50NTR Line Regulation VO + 0.5 V Vin 8.0 V Load Regulation Vin - VO = 1.0 V 1.0 mA lO 100 mA Output Current (Note 2) Vin - VO = 1.0 V Dropout Voltage IO = 100 mA Supply Current Vin = 8.0 V Vin - VO = 1.0 V IO = 0 (at no load) Supply Current (Standby) Vin = 8.0 V Ext Leakage Current Chip Enable Input Logic Voltage Logic "0" (Regulator "On") Logic "1" (Regulator "Off") Chip Enable Input Current VCE = 0.25 V VCE = 1.5 V Output Voltage Temperature Coefficient Symbol VO 2.925 3.023 3.218 3.900 4.193 4.386 4.875 Regline Regload 0 3.0 3.1 3.3 4.0 4.3 4.5 5.0 0.1 40 3.075 3.178 3.382 4.100 4.408 4.613 5.125 0.3 60 mV mV Min Typ Max Unit V
lO Vin - VO lss
-
1000 100 50
200 80
mA mV mA
lstandby lLK VCE
0.1 0 1.5
0.2 -
1.0 0.5 0.25 8.0
mA mA V
lCEL -5.0 TC -3.0 100 -0.1 0.1 -
mA
ppm/C
1. Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible. 2. The output current depends upon the performance of External PNP Transistor. Use External PNP Transistor of a low saturation type, with an HFE of 100 or more.
http://onsemi.com
2
MC78BC00 Series
DEFINITIONS Dropout Voltage - The input/output voltage differential at which the regulator output no longer maintains regulation against further reductions in input voltage. Measured when the output drops 100 mV below its nominal value (which is measured at 1.0 V differential), dropout voltage is affected by junction temperature, load current and minimum input supply requirements. Line Regulation - The change in output voltage for a change in input voltage. The measurement is made under conditions of low dissipation or by using pulse techniques such that average chip temperature is not significantly affected. Load Regulation - The change in output voltage for a change in load current at constant chip temperature. Maximum Power Dissipation - The maximum total device dissipation for which the regulator will operate within specifications. Supply Current - Current which is used to operate the regulator chip and is not delivered to the load.
3.2 IO = 0 mA VO, OUTPUT VOLTAGE (V) VO, OUTPUT VOLTAGE (V) 3.0 2.8 2.6 2.4 2.2 2.0 IO = 100 mA IO = 500 mA
4.962 4.958 4.954 4.950 4.946 4.942 0 MC78BC50NTR & MJD32C TA = 25C 100 200 300 400 500 600 Vin = 6.0 V
Vin = 5.1 V
MC78BC30NTR TA = 25C 3.0 4.0 5.0 6.0 7.0 8.0 9.0
Vin, INPUT VOLTAGE (V)
IO, OUTPUT CURRENT (mA)
Figure 1. Output Voltage versus Input Voltage
Figure 2. Output Voltage versus Output Current
0.50 Vin -VO, DROPOUT VOLTAGE (mV) 0.40 0.30 TA = 25C 0.20 0.10 MC78BC50NTR & MJD32C 0 0 200 400 600 800 1000 1200 IO, OUTPUT CURRENT (mA) TA = -30C RR, RIPPLE REJECTION (dB)
60 50 40 30 20 10 0 1.0 k CL = 10 mF IO = 200 mA TA = 25C MC78BC50NTR & MJD32C 10 k 100 k 1.0 M 10 M 100 M
TA = 80C
f, FREQUENCY (Hz)
Figure 3. Dropout Voltage versus Output Current
Figure 4. Ripple Rejection as a Function of Frequency
http://onsemi.com
3
MC78BC00 Series
5.00 I ss, SUPPLY CURRENT (mV) 60 50 40 30 20 10 0 -30 MC78BC50NTR & MJD32C IO = 0 mA Vin = 6.0 V 0 25 50 80
VO , OUTPUT VOLTAGE (V)
4.98
4.96 MC78BC50NTR & MJD32C IO = 100 mA Vin = 6.0 V 0 25 50 80
4.94
4.92 -30
TA, AMBIENT TEMPERATURE (C)
TA, AMBIENT TEMPERATURE (C)
Figure 5. Output Voltage versus Temperature
Figure 6. Supply Current versus Temperature
VO, OUTPUT VOLTAGE DEVIATION (mV) I O , OUTPUT CURRENT (mA)
8.0 I O , OUTPUT CURRENT (mA) Input Voltage 7.0
50 40 30 20
500 400 300 200 100 0 Vin = 6.0 V TA = 25C CL = 1.0 mF MC78BC50NTR & MJD32C Output Voltage Output Current
500 400 300 200 100 0
6.0 10 Output Voltage 5.0 CL = 1.0 mF IO = 100 mA TA = 25C MC78BC50NTR & MJD32C 4.0 0 20 40 60 0 -10 80 100 120 -20 140
-100 -200 -300 0 4.0 8.0
12 t, TIME (ms)
16
20
-100 24
t, TIME (ms)
Figure 7. Line Transient Response
Figure 8. Load Transient Response
http://onsemi.com
4
VO, OUTPUT VOLTAGE DEVIATION (mV)
MC78BC00 Series
APPLICATIONS INFORMATION
Introduction
The MC78BC00 series of micropower voltage regulators are specifically designed for ultra-low dropout voltage and an output current which ranges from several tens of mA to several hundreds of mA making them ideal for battery-powered equipment. These regulators also have a chip enable function which minimizes supply current in stand-by mode. An input bypass capacitor is recommended if the regulator is located an appreciable distance ( 4 inches) from the input voltage source. These regulators require a 10 mF capacitance between the output terminal and ground for stability. Most types of aluminum, tantalum or multilayer ceramic will perform adequately. Solid tantalums or other appropriate capacitors are recommended for
operation below 25C. The bypass capacitors should be mounted with the shortest possible leads or track lengths directly across the regulator input and output terminals. With economical electrolytic capacitors, cold temperature operation can pose a serious stability problem. As the electrolyte freezes, around -30C, the capacitance will decrease and the equivalent series resistance (ESR) will increase drastically, causing the circuit to oscillate. Quality electrolytic capacitors with extended temperature ranges of -40 to +85C are readily available. Solid tantalum capacitors may be the better choice if small size is a requirement. However, a maximum ESR limit of 3.0 W must be observed over temperature to maintain stability.
External PNP Transistor
4 2 In Vin
Ext VO Out 3 RA
Error Amplifier RB
10 mF
Vref Gnd 1
CE
5
Figure 9. Typical Operation
http://onsemi.com
5
MC78BC00 Series
External PNP Transistor The external pin of this IC is protected by a current limit circuit from the destruction caused by excess current. The R2 resistor shown in Figure 10 is used for the protection of the external transistor, although this circuit can operate without the resistor. Resistor R2 should be determined via the input voltage, output voltage, output current, temperature and the HFE of the external pass transistor.
In R1
MJD32C
Out 10 mF .033 mF
R2 4 Ext 3 VO
MC78BCXXNTR
Figure 10. External PNP
MJD32C .033 mF
10 k
4 Ext In 2 10 mF VDD VO 3 Out 5.0 V 10 mF
MC78BC50NTR
Gnd 1
CE 5
Figure 11. Typical Application
http://onsemi.com
6
MC78BC00 Series
PACKAGE DIMENSIONS
N SUFFIX PLASTIC PACKAGE CASE 1212-01 (SOT-23) ISSUE O
A
5 1
D
4 2 3
B
A2 0.05 S
A1 L
NOTES: 1. DIMENSIONS ARE IN MILLIMETERS. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. DATUM C IS A SEATING PLANE. MILLIMETERS MIN MAX 0.00 0.10 1.00 1.30 0.30 0.50 0.10 0.25 2.80 3.00 2.50 3.10 1.50 1.80 0.95 BSC 1.90 BSC 0.20 --- 0.45 0.75
E
E1 L1 e e1 B
5X
C
M
0.10
CB
S
A
S
C
DIM A1 A2 B C D E E1 e e1 L L1
http://onsemi.com
7
MC78BC00 Series
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada JAPAN: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC78BC00/D


▲Up To Search▲   

 
Price & Availability of MC78BC50NTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X